Part Number Hot Search : 
UNR31 TBB1004 109388 2SD23 4HC17 BZX85C27 M54HC691 PT150S8
Product Description
Full Text Search
 

To Download 31402-2210 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FEATURES AND SPECIFICATIONS
MX64 Single Row Female Connectors Are Designed to USCAR-Approved Footprints and Meet USCAR Testing Requirements
Small and compact, the MX64 single row female connectors set the standard for 2.54mm (.100") pitch sealed connectors. Available sizes include the 1-by-2, 1-by-3, 1-by-4, 1-by-5, 1-by-6 and 1-by-8. These connectors also allow for the greatest level of flexibility by accommodating three different female terminal systems. These include the GET female terminal (Series 34230), commonly used at Ford Motor Company, the Kaizen female terminal, commonly used at General Motors and the MX64 female terminals (Series 33467 and 33468), commonly used at Daimlier Chrysler and the general market. In addition, by working with USCAR to optimize the overall size of these connectors, Molex tooled the 1-by-4, 1-by-5, 1-by-6 and 1-by-8 parts to the USCARdefined Z02 footprint resulting in up to a 25% size reduction in the mating interfaces. For additional information on USCAR footprints and performance specifications, visit the USCAR website at www.USCARTEAMS.org.
2.54mm (.100") Pitch MX64 Single Row Sealed Connectors 31402, 31403, 31404
Features and Benefits
I Meets all USCAR footprints and testing requirements for 0.64mm (.025") pitch square pin connector systems in compliance with OEM directives I Ability to accommodate Ford, GM or DCX approved female terminals provides design flexibility I Matte seal design eliminates secondary operation and costs associated with cable seals
I Available with or without CPA for added locking protection when CPA is used I Accommodates 18-22 AWG wire and metric wires to support US or offshore wire requirements I Circuit sizes 1-by-4,1-by-5,1-by-6 and 1-by-8 meet the USCAR Z02 optimized footprints and are up to 25% smaller in size as compared to the Z01 footprints
I Four polarization options available protect against mis-mating I Special polarization color (black) in B,C,D configurations is available for use when earth-toned connectors (black, brown and gray) are used in high visibility packaging area
SPECIFICATIONS
Reference Information Mechanical Physical
Packaging: Bulk Mates With: Sensors, other USCAR interfaces Designed In: Millimeters Recommended Automotive Applications: 31402 (Ford Motor) 31403 (Daimler Chrysler/General Market) 31404 (General Motors)
Electrical
Insertion Force: Less than 75N (16.9 lb) per connector Unmate Efforts: Less than 75N (16.9 lb) per connector Connector Lock Strength: 110N (24.7 lb) min. Female Terminal Retention: Greater than 75N (16.9) with the TPA engaged
Voltage: 250V Current: 0.64mm (.025") Terminals - 7.0 to 10.0A (depending on manufacturer of female terminals) Dielectric Withstanding Voltage: DC500V Resistance: 100 M min. Isolation: 20 M min.
Terminal Pitch: Horizontal 2.54mm (.100"); Vertical 2.54mm (.100") Housing: PBT + 30% Glass Filled Female Terminals: For 31402 Series use 34230 GET, Tin Plated For 31403 Series use 33467 MX64, Gold Plated or 33468 MX64, Tin plated For 31404 Series, terminals are manufactured by Yazaki Operating Temperature: USCAR Class III -40 to +125C
APPLICATIONS
I Automotive - Sensors I Commercial - Sensors
Color Coded Polarization Options
ORDERING INFORMATION
2.54mm (.100") Pitch MX64 Single Row Sealed Connectors 31402, 31403, 31404
1-by-2 Connectors
Order No. 31402-2100 31402-2200 31402-2300 31402-2400 31402-2110 31402-2210 31402-2310 31402-2410 31403-2100 31403-2200 31403-2300 31403-2400 31403-2110 31403-2210 31403-2310 31403-2410 31404-2100 31404-2200 31404-2300 31404-2400 31404-2110 31404-2210 31404-2310 31404-2410 Description 1x2 Polorization A without CPA 1x2 Polorization B without CPA 1x2 Polorization C without CPA 1x2 Polorization D without CPA 1x2 Polorization A with CPA 1x2 Polorization B with CPA 1x2 Polorization C with CPA 1x2 Polorization D with CPA 1x2 Polorization A without CPA 1x2 Polorization B without CPA 1x2 Polorization C without CPA 1x2 Polorization D without CPA 1x2 Polorization A with CPA 1x2 Polorization B with CPA 1x2 Polorization C with CPA 1x2 Polorization D with CPA 1x2 Polorization A without CPA 1x2 Polorization B without CPA 1x2 Polorization C without CPA 1x2 Polorization D without CPA 1x2 Polorization A with CPA 1x2 Polorization B with CPA 1x2 Polorization C with CPA 1x2 Polorization D with CPA Color Black Gray Brown Green Black Gray Brown Green Black Gray Brown Green Black Gray Brown Green Black Gray Brown Green Black Gray Brown Green Terminal System Used GET 34230 Series GET 34230 Series GET 34230 Series GET 34230 Series GET 34230 Series GET 34230 Series GET 34230 Series GET 34230 Series MX64 33467/33468 Series MX64 33467/33468 Series MX64 33467/33468 Series MX64 33467/33468 Series MX64 33467/33468 Series MX64 33467/33468 Series MX64 33467/33468 Series MX64 33467/33468 Series Kaizen Kaizen Kaizen Kaizen Kaizen Kaizen Kaizen Kaizen
1-by-3 Connectors
Order No. 31402-3100 31402-3200 31402-3300 31402-3400 31402-3110 31402-3210 31402-3310 31402-3410 31403-3100 31403-3200 31403-3300 31403-3400 31403-3110 31403-3210 31403-3310 31403-3410 31404-3100 31404-3200 31404-3300 31404-3400 31404-3110 31404-3210 31404-3310 31404-3410 Description 1x3 Polorization A without CPA 1x3 Polorization B without CPA 1x3 Polorization C without CPA 1x3 Polorization D without CPA 1x3 Polorization A with CPA 1x3 Polorization B with CPA 1x3 Polorization C with CPA 1x3 Polorization D with CPA 1x3 Polorization A without CPA 1x3 Polorization B without CPA 1x3 Polorization C without CPA 1x3 Polorization D without CPA 1x3 Polorization A with CPA 1x3 Polorization B with CPA 1x3 Polorization C with CPA 1x3 Polorization D with CPA 1x3 Polorization A without CPA 1x3 Polorization B without CPA 1x3 Polorization C without CPA 1x3 Polorization D without CPA 1x3 Polorization A with CPA 1x3 Polorization B with CPA 1x3 Polorization C with CPA 1x3 Polorization D with CPA Color Black Gray Brown Green Black Gray Brown Green Black Gray Brown Green Black Gray Brown Green Black Gray Brown Green Black Gray Brown Green Terminal System Used GET 34230 Series GET 34230 Series GET 34230 Series GET 34230 Series GET 34230 Series GET 34230 Series GET 34230 Series GET 34230 Series MX64 33467/33468 Series MX64 33467/33468 Series MX64 33467/33468 Series MX64 33467/33468 Series MX64 33467/33468 Series MX64 33467/33468 Series MX64 33467/33468 Series MX64 33467/33468 Series Kaizen Kaizen Kaizen Kaizen Kaizen Kaizen Kaizen Kaizen
ORDERING INFORMATION
2.54mm (.100") Pitch MX64 Single Row Sealed Connectors 31402, 31403, 31404
1-by-4 Connectors
Order No. 31402-4100 31402-4200 31402-4300 31402-4400 31402-4110 31402-4210 31402-4310 31402-4410 31403-4100 31403-4200 31403-4300 31403-4400 31403-4110 31403-4210 31403-4310 31403-4410 31404-4100 31404-4200 31404-4300 31404-4400 31404-4110 31404-4210 31404-4310 31404-4410 Description 1x4 Polorization A without CPA 1x4 Polorization B without CPA 1x4 Polorization C without CPA 1x4 Polorization D without CPA 1x4 Polorization A with CPA 1x4 Polorization B with CPA 1x4 Polorization C with CPA 1x4 Polorization D with CPA 1x4 Polorization A without CPA 1x4 Polorization B without CPA 1x4 Polorization C without CPA 1x4 Polorization D without CPA 1x4 Polorization A with CPA 1x4 Polorization B with CPA 1x4 Polorization C with CPA 1x4 Polorization D with CPA 1x4 Polorization A without CPA 1x4 Polorization B without CPA 1x4 Polorization C without CPA 1x4 Polorization D without CPA 1x4 Polorization A with CPA 1x4 Polorization B with CPA 1x4 Polorization C with CPA 1x4 Polorization D with CPA Color Black Gray Brown Green Black Gray Brown Green Black Gray Brown Green Black Gray Brown Green Black Gray Brown Green Black Gray Brown Green Terminal System Used GET 34230 Series GET 34230 Series GET 34230 Series GET 34230 Series GET 34230 Series GET 34230 Series GET 34230 Series GET 34230 Series MX64 33467/33468 Series MX64 33467/33468 Series MX64 33467/33468 Series MX64 33467/33468 Series MX64 33467/33468 Series MX64 33467/33468 Series MX64 33467/33468 Series MX64 33467/33468 Series Kaizen Kaizen Kaizen Kaizen Kaizen Kaizen Kaizen Kaizen
1-by-5 Connectors
Order No. 31402-5100 31402-5200 31402-5300 31402-5400 31402-5110 31402-5210 31402-5310 31402-5410 31403-5100 31403-5200 31403-5300 31403-5400 31403-5110 31403-5210 31403-5310 31403-5410 31404-5100 31404-5200 31404-5300 31404-5400 31404-5110 31404-5210 31404-5310 31404-5410 Description 1x5 Polorization A without CPA 1x5 Polorization B without CPA 1x5 Polorization C without CPA 1x5 Polorization D without CPA 1x5 Polorization A with CPA 1x5 Polorization B with CPA 1x5 Polorization C with CPA 1x5 Polorization D with CPA 1x5 Polorization A without CPA 1x5 Polorization B without CPA 1x5 Polorization C without CPA 1x5 Polorization D without CPA 1x5 Polorization A with CPA 1x5 Polorization B with CPA 1x5 Polorization C with CPA 1x5 Polorization D with CPA 1x5 Polorization A without CPA 1x5 Polorization B without CPA 1x5 Polorization C without CPA 1x5 Polorization D without CPA 1x5 Polorization A with CPA 1x5 Polorization B with CPA 1x5 Polorization C with CPA 1x5 Polorization D with CPA Color Black Gray Brown Green Black Gray Brown Green Black Gray Brown Green Black Gray Brown Green Black Gray Brown Green Black Gray Brown Green Terminal System Used GET 34230 Series GET 34230 Series GET 34230 Series GET 34230 Series GET 34230 Series GET 34230 Series GET 34230 Series GET 34230 Series MX64 33467/33468 Series MX64 33467/33468 Series MX64 33467/33468 Series MX64 33467/33468 Series MX64 33467/33468 Series MX64 33467/33468 Series MX64 33467/33468 Series MX64 33467/33468 Series Kaizen Kaizen Kaizen Kaizen Kaizen Kaizen Kaizen Kaizen
ORDERING INFORMATION
2.54mm (.100") Pitch MX64 Single Row Sealed Connectors 31402, 31403, 31404
1-by-6 Connectors
Order No. 31402-6100 31402-6200 31402-6300 31402-6400 31402-6110 31402-6210 31402-6310 31402-6410 31403-6100 31403-6200 31403-6300 31403-6400 31403-6110 31403-6210 31403-6310 31403-6410 31404-6100 31404-6200 31404-6300 31404-6400 31404-6110 31404-6210 31404-6310 31404-6410 Description 1x6 Polorization A without CPA 1x6 Polorization B without CPA 1x6 Polorization C without CPA 1x6 Polorization D without CPA 1x6 Polorization A with CPA 1x6 Polorization B with CPA 1x6 Polorization C with CPA 1x6 Polorization D with CPA 1x6 Polorization A without CPA 1x6 Polorization B without CPA 1x6 Polorization C without CPA 1x6 Polorization D without CPA 1x6 Polorization A with CPA 1x6 Polorization B with CPA 1x6 Polorization C with CPA 1x6 Polorization D with CPA 1x6 Polorization A without CPA 1x6 Polorization B without CPA 1x6 Polorization C without CPA 1x6 Polorization D without CPA 1x6 Polorization A with CPA 1x6 Polorization B with CPA 1x6 Polorization C with CPA 1x6 Polorization D with CPA Color Black Gray Brown Green Black Gray Brown Green Black Gray Brown Green Black Gray Brown Green Black Gray Brown Green Black Gray Brown Green Terminal System Used GET 34230 Series GET 34230 Series GET 34230 Series GET 34230 Series GET 34230 Series GET 34230 Series GET 34230 Series GET 34230 Series MX64 33467/33468 Series MX64 33467/33468 Series MX64 33467/33468 Series MX64 33467/33468 Series MX64 33467/33468 Series MX64 33467/33468 Series MX64 33467/33468 Series MX64 33467/33468 Series Kaizen Kaizen Kaizen Kaizen Kaizen Kaizen Kaizen Kaizen
1-by-8 Connectors
Order No. 31402-8100 31402-8200 31402-8300 31402-8400 31402-8110 31402-8210 31402-8310 31402-8410 31403-8100 31403-8200 31403-8300 31403-8400 31403-8110 31403-8210 31403-8310 31403-8410 31404-8100 31404-8200 31404-8300 31404-8400 31404-8110 31404-8210 31404-8310 31404-8410 Description 1x8 Polorization A without CPA 1x8 Polorization B without CPA 1x8 Polorization C without CPA 1x8 Polorization D without CPA 1x8 Polorization A with CPA 1x8 Polorization B with CPA 1x8 Polorization C with CPA 1x8 Polorization D with CPA 1x8 Polorization A without CPA 1x8 Polorization B without CPA 1x8 Polorization C without CPA 1x8 Polorization D without CPA 1x8 Polorization A with CPA 1x8 Polorization B with CPA 1x8 Polorization C with CPA 1x8 Polorization D with CPA 1x8 Polorization A without CPA 1x8 Polorization B without CPA 1x8 Polorization C without CPA 1x8 Polorization D without CPA 1x8 Polorization A with CPA 1x8 Polorization B with CPA 1x8 Polorization C with CPA 1x8 Polorization D with CPA Color Black Gray Brown Green Black Gray Brown Green Black Gray Brown Green Black Gray Brown Green Black Gray Brown Green Black Gray Brown Green Terminal System Used GET 34230 Series GET 34230 Series GET 34230 Series GET 34230 Series GET 34230 Series GET 34230 Series GET 34230 Series GET 34230 Series MX64 33467/33468 Series MX64 33467/33468 Series MX64 33467/33468 Series MX64 33467/33468 Series MX64 33467/33468 Series MX64 33467/33468 Series MX64 33467/33468 Series MX64 33467/33468 Series Kaizen Kaizen Kaizen Kaizen Kaizen Kaizen Kaizen Kaizen
Americas Headquarters Lisle, Illinois 60532 U.S.A. 1-800-78MOLEX amerinfo@molex.com
Far East North Headquarters Yamato, Kanagawa, Japan 81-462-65-2324 feninfo@molex.com
Far East South Headquarters Jurong, Singapore 65-6-268-6868 fesinfo@molex.com
European Headquarters Munich, Germany 49-89-413092-0 eurinfo@molex.com
Corporate Headquarters 2222 Wellington Ct. Lisle, IL 60532 U.S.A. 630-969-4550 Fax:630-969-1352
Visit our Web site at http://www.molex.com/auto/mx64.html
Order No. USA-274 Printed in USA/JI/2004.11 (c)2004, Molex


▲Up To Search▲   

 
Price & Availability of 31402-2210

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X